PART |
Description |
Maker |
ISL28286FUZ ISL2828607 ISL28286 ISL28486FAZ |
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
|
Intersil Corporation
|
LT1490CMS8TR LT1490 LT1490IS8PBF LT1490-15 |
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps Use LT1490A/LT1491A for new designs Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1850 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC6078 LTC6078_LTC6079 |
Micropower Precision,Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology Corporation
|
ISL28433 ISL28433FVZ ISL28133FHZ-T7 ISL28133 ISL28 |
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
|
Intersil Corporation
|
ISL281301012 ISL28430FBZ ISL28430FVZ ISL28230FRZ I |
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
|
Intersil Corporation
|
OR3T55-6PS208I OR3T125-5BC432I OR3T125-5BC600I OR3 |
Voltage Out 12 bit DAC, DUAL channel without Internal Reference, -40C to 125C, 14-PDIP, TUBE 现场可编程门阵列(FPGA Dual 1.8V, 1MHz OP, I temp, -40C to 85C, 8-PDIP, TUBE 现场可编程门阵列(FPGA Voltage Out 12 bit DAC, Single channel with Internal Reference, -40C to 125C, 8-MSOP, TUBE 现场可编程门阵列(FPGA Single 2.3V 10 MHz OP, I temp, -40C to 85C, 8-TSSOP, TUBE 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Dual 1.8V, 1MHz OP, I temp, -40C to 85C, 8-MSOP, TUBE 现场可编程门阵列(FPGA Single 2.3V 10 MHz OP, -40C to 125C, 8-TSSOP, TUBE 现场可编程门阵列(FPGA Dual 2.3V 10 MHz OP, I temp, -40C to 85C, 8-TSSOP, TUBE 现场可编程门阵列(FPGA Single 2.3V 10 MHz OP, I temp, -40C to 85C, 8-SOIC 150mil, TUBE 现场可编程门阵列(FPGA Single 2.7V Op Amp, I temp, -40C to 85C, 8-TSSOP, TUBE 现场可编程门阵列(FPGA Single 2.7V Op Amp, I temp, -40C to 85C, 8-SOIC 150mil, TUBE Single 2.3V 10 MHz OP, -40C to 125C, 8-TSSOP, T/R Single 2.3V 10 MHz OP, -40C to 125C, 8-SOIC 150mil, T/R 1.8V LOW COST OP AMP, -40C to 85C, 5-SC-70, T/R Dual 2.3V 10 MHz OP, I temp, -40C to 85C, 8-TSSOP, T/R 1.8V LOW COST OP AMP, -40C to 85C, 5-SOT-23, T/R Single 1.8V, 1MHz OP, E temp; alt pinout, -40C to 125C, 5-SOT-23, T/R Quad 1.8V, 1MH OP, -40C to 125C, 14-SOIC 150mil, T/R QUAD Low Cost OP AMP, -40C to 85C, 14-SOIC 150mil, T/R QUAD Low Cost OP AMP, -40C to 85C, 14-TSSOP, T/R Single 2.3V 10 MHz OP, I temp, -40C to 85C, 8-TSSOP, T/R Voltage Out 12 bit DAC, Single channel w/Internal Reference, -40C to 125C, 8-SOIC 150mil, TUBE Voltage out 12 bit DAC, single channel w/Internal Reference, -40C to 125C, 8-MSOP, TUBE Voltage Out 12 bit DAC, DUAL channel with Internal Reference, -40C to 125C, 8-MSOP, T/R Quad, 1.8V, 1MHz OP, -40C to 125C, 14-TSSOP, TUBE Quad 1.8V, 1MHz OP, -40C to 125C, 14-PDIP, TUBE SINGLE 2.7V OP AMP, -40C to 125C, 8-SOIC 150mil, TUBE Dual 1.8V, 1MHz OP, -40C to 125C, 8-SOIC 150mil, T/R Dual 1.8V, 1MHz OP, -40C to 125C, 8-PDIP, TUBE 3C and 3T Field-Programmable Gate Arrays
|
Microchip Technology, Inc. Linear Technology, Corp. TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Dantona Industries, Inc. Agere Systems
|
CA258 CA2904 CA2904E CA0258E CA0258M CA158 CA158A |
Dual, 1MHz, Operational Amplifiers(1MHz ??矾杩???惧ぇ?? Dual/ 1MHz/ Operational Amplifiers for Commercial Industrial/ and Military Applications Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications From old datasheet system
|
INTERSIL[Intersil Corporation]
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC6078CMS8 LTC6079CGN LTC6079IGN LTC6078CDD LTC60 |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
|
LINER Linear Technology
|
LT1491A LT1490A 14901AF |
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear
|
|